Part Number Hot Search : 
11EFS2 2G153K 0LT1G S5128 P3055L XC4000D KIA6901F 00906
Product Description
Full Text Search
 

To Download 0850170153 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0850170153 Active
din_41612 2.54mm (.100") Pitch DIN 41612/EIC 603-2 Mixed Layout Connector, Male Style M (Hybrid type), Inverse Press-Fit, 0.6m (24") Gold (Au) Selective , 80 Circuits, PC Tail Length-5.8mm(.228"),Lead Free
Documents: 3D Model Drawing (PDF)
Product Specification PS-85013-0002 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
Agency Certification
CSA UL LR19980 E29179 EU RoHS China RoHS Compliance Status Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Component Type Overview Product Name Style Backplane Connectors 85017 Backplane Mixed Layout PCB Header din_41612 IEC 603-2/DIN 41612 M
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail Durability (mating cycles max) First Mate / Last Break Flammability Keying to Mating Part Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating 80 80 78 Signal , 2 Power 400 No 94V-0 Yes 26 Open Pin Field 3 Vertical 0.228 In 5.80 mm No Yes 0.062 In 1.60 mm Tray 0.100 In 2.54 mm 0.100 In 2.54 mm No Yes No -55C to +125C
Search Parts in this Series 85017Series Mates With 85048 Straight Female Style M Receptacle, 85056 Straight Female Style M "inverse" Receptacle Use With 85023
Electrical
Current - Maximum per Contact Data Rate 1.5A 622.0 Mbps
Voltage - Maximum
250V AC (RMS)
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-85013-0002 603-6093-20, SD-85017-002
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0850170153

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X